Part Number Hot Search : 
29043505 L1018 2E225 RB551 RB551 00350 2N3045 PR1005G
Product Description
Full Text Search
 

To Download AP4501M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4501M
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching
D1 G2 S2 D2 D1 D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID P-CH BVDSS RDS(ON) ID
30V 28m 7A -30V 50m -5.3A
SO-8
S1
G1
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness. The SO-8 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
G1
D1
D2
G2 S1 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 30 20 7 5.8 20 2 0.016 -55 to 150 -55 to 150 P-channel -30 20 -5.3 -4.7 -20
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-amb Parameter Thermal Resistance Junction-ambient 3 Max. Value 62.5 Unit /W
Data and specifications subject to change without notice
201225022
AP4501M
N-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. Typ. Max. Units 30 1 0.02
28 42 3 1 25 -
V V/ m m V S uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7A VGS=4.5V, ID=5A
13 8.4 2.1 4.7 6 5.2 18.8 4.4 645 150 95
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25oC) Drain-Source Leakage Current (Tj=70 C)
o
VDS=VGS, ID=250uA VDS=10V, ID=7A VDS=30V, VGS=0V VDS=24V, VGS=0V VGS=20V ID=7A VDS=24V VGS=4.5V VDS=15V ID=1A RG=3.3,VGS=10V RD=15 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
100 nA
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=1.2V Tj=25, IS=7A, VGS=0V
Min. Typ. Max. Units 1.67 1.2 A V
Forward On Voltage
2
AP4501M
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (T j=25 C) Drain-Source Leakage Current (T j=70 C)
o o
Test Conditions VGS=0V, ID=-250uA
2
Min. Typ. Max. Units -30 -1 -0.028
50 90 -3 -1 -25 -
V V/ m m V S uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=-1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
VGS=-10V, ID=-5.3A VGS=-4.5V, ID=-4.2A VDS=VGS, ID=-250uA VDS=-10V, ID=-5.3A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS= 20V ID=-5.3A VDS=-15V VGS=-10V VDS=-15V ID=-1A RG=6,VGS=-10V RD=15 VGS=0V VDS=-15V f=1.0MHz
8.5 20 3.5 2 12 20 45 27 790 440 120
Gate-Source Leakage Total Gate Charge
2
100 nA
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol IS VSD Parameter
Continuous Source Current ( Body Diode )
Test Conditions VD=VG=0V , VS=-1.2V Tj=25, IS=-2.6A, VGS=0V
Min. Typ. Max. Units -1.67 -1.2 A V
Forward On Voltage
2
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135/W when mounted on Min. copper pad.
AP4501M
N-Channel
36
10V 8.0V 6.0V 5.0V ID , Drain Current (A) ID , Drain Current (A) V GS =4.5V
36
10V 8.0V 6.0V 5.0V
24
24
V GS =4.5V
12
12
T C =25 o C
0 0 2 3 5 6
T C =150 o C
0 0 2 3 5 6
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
90
2
I D =7.0A T C =25
70 1.4
I D =7.0A V GS = 10V
50
Normalized RDS(ON)
2 6 10 14
RDS(ON) (m )
0.8
30
10
0.2 -50 0 50 100 150
V GS (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP4501M
N-Channel
2.4
8
6
1.8
ID , Drain Current (A)
PD (W)
4
1.2
2
0.6
0 25 50 75 100 125 150
0 0 50 100 150
T c , Case Temperature ( C)
o
T c ,Case Temperature ( o C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
Duty Factor = 0.5
10
Normalized Thermal Response (Rthja)
0.2
1ms
0.1
0.1
0.05
ID (A)
1
10ms 100ms 1s
0.02
0.01
PDM
0.01
Single Pulse
t T
0.1
T C =25 o C Single Pulse
0.01 0.1 1 10
10s DC
Duty Factor = t/T Peak Tj = P DM x R thja + Ta Rthja=135 C/W
o
0.001
100
0.0001
0.001
0.01
0.1
1
10
100
1000
V DS (V) t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP4501M
N-Channel
f=1.0MHz
12 10000
I D =7.0A
VGS , Gate to Source Voltage (V)
9
6
C (pF)
V DS= 1 6 V V DS =20V V DS =24V
1000
Ciss
100 3
Coss Crss
0 0 4 8 12 16
10 1 7 13 19 25 31
Q G , Total Gate Charge (nC)
V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100
3
2.5
10 2
VGS(th) (V)
T C = 150 C
IS(A)
1
o
T C =25 C
o
1.5
1 0.1 0.5
0.01 0 0.4 0.8 1.2
0 -50 0 50 100 150
V SD (V)
T j , Junction Temperature ( C )
o
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
AP4501M
N-Channel
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.5 x RATED VDS
RG
G
+ 10V -
S VGS
10% VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG 4.5V
D
0.8 x RATED VDS G S
+
QGS
VGS
QGD
1~ 3 mA
I
G
I
D
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
AP4501M
P-Channel
20
20
10V 8.0V 6.0V
15
10V 8.0V 6.0V
15
-ID , Drain Current (A)
V GS =4. 0 V
10
-ID , Drain Current (A)
V GS =4. 0 V
10
5
5
T C =25 o C
0 0 1 2 3 4
T C =150 o C
0 0 1 2 3 4
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
90
1.8
I D =-5.3A T C =25
80 1.6
I D =-5.3A V GS = -10V
Normalized RDS(ON)
70
1.4
RDS(ON) (m )
60
1.2
50
1
40
0.8
30 3 4 5 6 7 8 9 10 11
0.6 -50 0 50 100 150
-V GS (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
AP4501M
P-Channel
6
2.4
5 1.8
-ID , Drain Current (A)
4
3
2 0.6 1
0 25 50 75 100 125 150
PD (W)
1.2
0 0 50 100 150
T c , Case Temperature ( C)
o
T c ,Case Temperature ( o C)
Fig 5. Maximum Drain Current v.s.
Fig 6. Typical Power Dissipation
Case Temperature
100
1
Duty Factor = 0.5
Normalized Thermal Response (R thja)
0.2
10
1ms
0.1
0.1
0.05
-ID (A)
1
10ms 100ms 1s
0.02
0.01
PDM
0.01
Single Pulse
t T
0.1
T C =25 o C Single Pulse
0.01 0.1 1 10
10s DC
Duty Factor = t/T Peak Tj = P DM x Rthja + Ta Rthja=135 oC/W
0.001 100 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS (V)
t , Pulse Width (s)
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
AP4501M
P-Channel
14
10000
f=1.0MHz
12
I D =-5.3A
-VGS , Gate to Source Voltage (V)
10
8
C (pF)
V DS =-10V V DS =-15V V DS =-20V
1000
Ciss Coss
6
100
4
Crss
2
0 0 5 10 15 20 25 30
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS (V)
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
100.00
3
2.5
10.00
2
-IS(A)
T j =150 o C
1.00
T j =25 o C
-VGS(th) (V)
1.5
1
0.10
0.5
0.01 0.1 0.4 0.7 1 1.3
0 -50 0 50 100 150
-V SD (V)
T j ,Junction Temperature ( o C)
Fig 11. Forward Characteristic of
Reverse Diode
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
AP4501M
P-Channel
VDS
RD
90%
D
VDS
TO THE OSCILLOSCOPE 0.5 x RATED VDS
RG
G
10%
S -10 V VGS
VGS td(on) tr td(off) tf
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
VG
VDS TO THE OSCILLOSCOPE
QG -10V
D
G S -1~-3mA I
G
0.5 x RATED VDS
QGS
QGD
VGS
ID
Charge
Q
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4501M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X